PART |
Description |
Maker |
STW57N65M5 |
N-channel 650 V, 0.056 Ohm typ., 42 A MDmesh(TM) V Power MOSFET in TO-247 package
|
ST Microelectronics
|
HUF75542S3S HUF75542P3 FN4845 HUF75542S3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 80V V(BR)DSS | 75A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 80V的五(巴西)直| 75A条(丁)|263AB 75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs 75 A, 80 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 75A/ 80V/ 0.014 Ohm/ N-Channel/ UltraFET Power MOSFETs 75A 80V 0.014 Ohm N-Channel UltraFET Power MOSFETs From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
S6846 S10053 S6809 |
MOSFET, Switching; VDSS (V): 600; ID (A): 11; Pch : -; RDS (ON) typ. (ohm) @10V: 0.58; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1450; toff (µs) typ: -; Package: LDPAK (S)- (1) Light modulation photo IC 光调制照片集成电
|
Hamamatsu Photonics
|
S7978 |
MOSFET, Switching; VDSS (V): -60; ID (A): -40; Pch : 50; RDS (ON) typ. (ohm) @10V: 0.02; RDS (ON) typ. (ohm) @4V[4.5V]: 0.033; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 25; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
S3921 S3921-512Q S3921-128Q |
NMOS linear image sensor Voltage output type with current-integration readout circuit and impedance conversion circuit MOSFET, Switching; VDSS (V): 500; ID (A): 12; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.515; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: TO-220FN
|
Hamamatsu Photonics
|
STS8C6H3LL |
N-channel 30 V, 0.019 Ohm typ., 8 A, P-channel 30 V, 0.024 Ohm typ., 6 A STripFET(TM) Power MOSFET in a SO-8 package
|
ST Microelectronics
|
STB10N65K3 STF10N65K3 STP10N65K3 |
Very low intrinsic capacitances N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3(TM) Power MOSFET in D2PAK package
|
STMicroelectronics ST Microelectronics
|